Part Number Hot Search : 
LC74781M VQ100 26MB40B VQ100 X9C103SI TBE0303M DI106 ML60841
Product Description
Full Text Search
 

To Download IXFH96N20P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 200 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 200 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c96a i d(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 225 a i ar t c = 25 c60a e ar t c = 25 c50mj e as t c = 25 c 1.5 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 600 w t j -55 ... +175 c t jm 175 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-220 4 g to-247 6 g to-268 5 g g = gate d = drain s = source tab = drain ds99222e(02/06) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 200 v v gs(th) v ds = v gs , i d = 4 ma 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 150 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 24 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm hiperfet power mosfet v dss = 200 v i d25 =96a r ds(on) 24 m ? ? ? ? ? t rr 200 ns n-channel enhancement mode avalanche rated fast intrinsic diode features l fast intrinsic diode l international standard packages l unclamped inductive switching (uis) rated l low package inductance - easy to drive and to protect advantages l easy to mount l space savings l high power density g d s to-247 (ixfh) (tab) to-268 (ixft) g s d (tab) ixfh 96n20p ixft 96n20p ixfv 96n20p g s d d (tab) plus220 (ixfv)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 96n20p ixft 96n20p ixfv 96n20p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 40 52 s c iss 4800 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1020 pf c rss 270 pf t d(on) 28 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 30 ns t d(off) r g = 4 ? (external) 75 ns t f 30 ns q g(on) 145 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 30 nc q gd 80 nc r thjc 0.25 c/w r thcs (to-247) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 96 a i sm repetitive 240 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a 120 200 ns q rm -di/dt = 100 a/ s 0.7 c i rm v r = 100 v, v gs = 0 v 7 a to-268 (ixft) outline to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 plus220 (ixfv) outline
? 2006 ixys all rights reserved ixfh 96n20p ixft 96n20p ixfv 96n20p fig. 2. extended output characteristics @ 25 o c 0 25 50 75 100 125 150 175 200 225 250 02468101214161820 v d s - volts i d - amperes v gs = 10v 7v 6v 8v 9v fig. 3. output characteristics @ 150 o c 0 10 20 30 40 50 60 70 80 90 100 01234567 v d s - volts i d - amperes v gs = 10v 9v 5v 6v 7v 8v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 100 00.51 1.522.53 v d s - volts i d - amperes v gs = 10v 9v 7v 6v 8v fig. 4. r ds(on ) norm alize d to 0.5 i d25 value vs. junction tem perature 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r d s ( o n ) - normalized i d = 96a i d = 48a v gs = 10v fig. 6. drain current vs. case tem perature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit fig. 5. r ds(on) norm alize d to 0.5 i d25 value vs . i d 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4 4.3 0 25 50 75 100 125 150 175 200 225 250 i d - amperes r d s ( o n ) - normalized t j = 125oc t j = 25oc v gs = 10v t j = 175oc
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 96n20p ixft 96n20p ixfv 96n20p fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 15 30 45 60 75 90 105 120 135 150 q g - nanocoulombs v g s - volts v ds = 100v i d = 48a i g = 10ma fig. 7. input adm ittance 0 20 40 60 80 100 120 140 160 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 v g s - volts i d - amperes t j = 150oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 0 25 50 75 100 125 150 175 200 i d - amperes g f s - siemens t j = -40oc 25oc 150oc fig. 9. source current vs. source-to-drain voltage 0 50 100 150 200 250 300 0.4 0.6 0.8 1 1.2 1.4 1.6 v s d - volts i s - amperes t j = 150oc t j = 25oc fig. 12. forw ard-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 175oc t c = 25oc r ds(on) limit 10ms 25s
? 2006 ixys all rights reserved ixfh 96n20p ixft 96n20p ixfv 96n20p fig. 13. m axim um transient therm al resistance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w


▲Up To Search▲   

 
Price & Availability of IXFH96N20P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X